PART |
Description |
Maker |
PSA25L-03314 |
25 Watt Single and Multiple Output
|
Phihong USA Inc.
|
CH-130-4 CD-130-4BNC CD-130-4N CD-130-4SMA CD-130- |
2 MHz - 32 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 0.1 dB INSERTION LOSS-MAX 30 dB Bi-directional Coupler, 500 Watt 2 - 32 MHz 30 dB Bi-directional Coupler/ 500 Watt 2 - 32 MHz 2-32 MHz, 500 Watt, 30 dB Bi-directional coupler
|
MACOM[Tyco Electronics] MA-Com
|
MAX-504-1205 MAX-504-1212 MAX-504-1252 MAX-504-122 |
400, 500 WATTS MULTIPLE OUTPUT
|
SL Power Electronics
|
NME0505SNBSP NME1205 NME2412 NME1212 NME0505S NME0 |
DC/DC converter, 1 watt. Output voltage 12VDC. Output current 84mA. Input 24VDC . DC/DC converter, 1 watt. Output voltage 9VDC. Output current 110mA. Input 24VDC . DC/DC converter, 1 watt. Output voltage 5VDC. Output current 200mA. Input 24VDC . NME Series 1 Watt Surface Mount DC/DC Converters DC/DC Converters NME SERIES 1 WATT From old datasheet system Ty-Rap Self-Locking Cable Ties; Cable Bundle Diameter Max:2.00"; Body Material:Nylon 6.6; Cable Tie Length:8.8"; Cable Tie Width:0.301"; Tensile Strength:120lb; Color:Black DC / DC转换非市场经济系瓦特
|
International Power Sources List of Unclassifed Manufacturers XPiQ Inc. ETC[ETC] Electronic Theatre Controls, Inc.
|
S218 |
Solid-State Panel Mount Relay; Output Device:Triac; Output Voltage Max:140Vrms; Output Voltage Min:20Vrms; Load Current Max:8A; Switching:Zero Cross; Output Current:8A; Output Type:SCR; Supply Voltage Max:8VDC
|
CRYDOM CORP
|
AQS221FN2S |
QUAD TRANSISTOR OUTPUT SOLID STATE RELAY, 500 V ISOLATION-MAX
|
|
DPA4111 |
Solid-State PC Board Relay; Output Device:SCR; Output Voltage Min:20Vrms; Output Voltage Max:140Vrms; Load Current Max:1A; Switching:Zero Cross; Output Current Max:1A; Output Current Min:0.025Arms; Output Type:SCR RoHS Compliant: Yes
|
CRYDOM CORP
|
P5KE6.0 P5KE6.0A P5KE6.5 P5KE6.5A P5KE14A P5KE14 P |
500 Watt Transient Voltage Suppressors 5.0 to 170 Volts 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
Micro Commercial Components, Corp. MCC[Micro Commercial Components] Micro Commercial Compon...
|
ST16C654 |
Linear Voltage Regulator IC; Output Current Max:350mA; Supply Voltage Max:6V; Package/Case:8-TSSOP; Output Current:600mA; Output Voltage:5V; Current Rating:30.05A; Leaded Process Compatible:No; Output Voltage Max:5V
|
Exar Corporation
|
SG3846 SG3846DW SG3846J SG3846N SG2846 SG2846DW SG |
0.5 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, CDIP16 0.5 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, CDFP16 CURRENT MODE PWM CONTROLLER 0.5 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, CQCC20 Current Mode PWMs From old datasheet system
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
UMA130A UMA120CA UMA12CA UMA11CA UMA120A UMA150A U |
ULTRAMITE SURFACE MOUNT 500 Watt Transient Voltage Suppressor 5.0 to 170 V 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE ULTRAMITE SURFACE MOUNT 500 Watt Transient Voltage Suppressor 5.0 to 170 V 500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Microsemi, Corp.
|
LT1184CSPBF LT3846CN LT3847CJ LT3524CS |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 1.25 A FLUORESCENT LIGHT CONTROLLER, 200 kHz SWITCHING FREQ-MAX, PDSO16 SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDIP SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, CDIP SWITCHING CONTROLLER, PDSO
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|